PART |
Description |
Maker |
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AAT3564 AAT3560 AAT3560IGY-2.20-T1 AAT3560IGY-2.50 |
NanoPower Voltage Detector NanoPower垄芒 Voltage Detector NanoPower⑩ Voltage Detector
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
SC1437 SC1437ISK-B42TR SC1437ISK-B45TR SC1437ISK-B |
Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 3.2x6.0 mm; Packaging: Tape & Reel 精密电压检测器,具有可编程触发电压 Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
NCP4672DR2G NCP4672 |
Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
|
ONSEMI[ON Semiconductor]
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
KIA7429F KIA7429P KIA7432P KIA7433F KECHOLDINGS-KI |
B>2.9V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.2V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压2.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压2.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压3.3V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压3.3伏) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(?靛?妫??????ㄤ???被CPU绯荤????绾块?杈?郴缁??涓??????舵??垫?娴?澶??淇″?????靛?锛?.3V))
|
KEC Holdings
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
AD8361ARMZ-REEL AD8361ARMZ-REEL7 AD8361-EVAL AD836 |
LF to 2.5 GHz TruPwr?/a> Detector LF to 2.5 GHz TruPwr Detector 2.5 GHz TruPwr™ Detector SPECIALTY ANALOG CIRCUIT, PDSO8 LF to 2.5 GHz TruPwr?Detector
|
Analog Devices, Inc.
|
AZ7023R AZ7023R-E1 AZ7023RTR AZ7023RTR-E1 AZ7023Z |
VOLTAGE DETECTOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|
TC53 |
Voltage Detector
|
Microchip Technology
|